Part Number Hot Search : 
2SD2155 1N5274UR K2141 AN1216 CXD2443Q 12SH3 FN3082 FFG1513
Product Description
Full Text Search
 

To Download 2SK2138-Z Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DATA SHEET
MOS FIELD EFFECT TRANSISTOR
2SK2138, 2SK2138-Z
SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
DESCRIPTION
The 2SK2138, 2SK2138-Z is N-channel Power MOS Field Effect Transistor designed for high voltage switching applications.
3.0 0.3
PACKAGE DIMENSIONS (in millimeters)
10.6 MAX. 3.6 0.2 10.0 5.9 MIN. 12.7 MIN. 15.5 MAX. 4.8 MAX. 1.3 0.2
FEATURES
* Low On-state Resistance
RDS(on) = 2.4 MAX. (VGS = 10 V, ID = 2.5 A)
6.0 MAX.
* Low Ciss Ciss = 550 pF TYP. * High Avalanche Capability Ratings
ABSOLUTE MAXIMUM RATINGS (TA = 25 C)
Drain to Source Voltage Gate to Source Voltage Drain Current (DC) Drain Current (pulse)* Total Power Dissipation (Tc = 25 C) Total Power Dissipation (TA = 25 C) Storage Temperature Channel Temperature Single Avalanche Current** Single Avalanche Energy** * PW 10 s, Duty Cycle 1 % VDSS VGSS ID(DC) ID(pulse) PT1 PT2 Tstg Tch IAS EAS 600 30 5.0 20 70 1.5 150 14 8.3 V V A A W W
4 123 1.3 0.2 0.75 0.1 2.54
0.5 0.2 2.8 0.2
2.54
1. Gate 2. Drain 3. Source 4. Fin (Drain) JEDEC: TO-220AB
MP-25 (TO-220)
(10.0)
4
-55 to +150 C C
1.0 0.5
4.8 MAX. 1.3 0.2 8.5 0.2
1.4 0.2
A mJ
1.5 MAX.
(2.54) (2.54) 123
1.1 0.4 3.0 0.5
** Starting Tch = 25 C, RG = 25 , VGS = 20 V 0
1.0 0.3
R) ) .5 R (0 0.8 (
0.5 0.2
MP-25Z (SURFACE MOUNT TYPE)
Drain
2.8 0.2
1. 2. 3. 4.
Gate Drain Source Fin (Drain)
Body Diode Gate
Source
Document No. TC-2509 (O. D. No. TC-8068) Date Published January 1995 P Printed in Japan
(c)
1995
2SK2138, 2SK2138-Z
ELECTRICAL CHARACTERISTICS (TA = 25 C)
CHARACTERISTIC Drain to Source On-state Resistance Gate to Source Cutoff Voltage Forward Transfer Admittance Drain Leakage Current Gate to Source Leakage Current Input Capacitance Output Capacitance Reverse Transfer Capacitance Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Total Gate Charge Gate to Source Charge Gate to Drain Charge Diode Forward Voltage Reverse Recovery Time Reverse Recovery Charge SYMBOL RDS(on) VGS(off) | yfs | IDSS IGSS Ciss Coss Crss td(on) tr td(off) tf QG QGS QGD VF(S-D) trr Qrr 550 130 25 11 6.0 40 8 20 4.0 10 1.0 320 2.4 2.5 1.0 100 100 MIN. TYP. 2.0 MAX. 2.4 3.5 UNIT V S TEST CONDITIONS VGS = 10 V, ID = 2.5 A VDS = 10 V, ID = 1 mA VDS = 10 V, ID = 2.5 A VDS = 600 V, VGS = 0 VGS = 30 V, VDS = 0 VDS = 10 V VGS = 0 f = 1 MHz VGS = 10 V VDD = 150 V ID = 2.5 A, RG = 10 RL = 60 VGS = 10 V ID = 5.0 V VDD = 450 V IF = 5.0 A, VGS = 0 IF = 5.0 A di/dt = 50 A/s
A
nA pF pF pF ns ns ns ns nC nC nC V ns
C
Test Circuit 1 Avalanche Capability
D.U.T. RG = 25 PG VGS = 20 0 V 50
Test Circuit 2 Switching Time
D.U.T.
L VDD PG. RG RG = 10
RL
VGS
Wave Form
VGS
0 10 % VGS (on) 90 %
VDD
ID
90 % 90 % ID
BVDSS IAS ID VDD VDS
VGS 0 t t = 1 s Duty Cycle 1 %
ID
Wave Form
0
10 % td (on) ton tr td (off) toff
10 % tf
Starting Tch
Test Circuit 3 Gate Charge
D.U.T. IG = 2 mA PG. 50
RL VDD
The application circuits and their parameters are for references only and are not intended for use in actual design-in's.
2
2SK2138, 2SK2138-Z
TYPICAL CHARACTERISTICS (TA = 25 C)
DERATING FACTOR OF FORWARD BIAS SAFE OPERATING AREA 100 dT - Percentage of Rated Power - % PT - Total Power Dissipation - W 80 TOTAL POWER DISSIPATION vs. CASE TEMPERATURE
80
60
60
40
40
20
20
0
20
40
60
80
100 120 140 160
0
20
40
60
80
100 120 140 160
TC - Case Temperature - C FORWARD BIAS SAFE OPERATING AREA 100 10
TC - Case Temperature - C DRAIN CURRENT vs. DRAIN TO SOURCE VOLTAGE Pulsed
ID (pulse) ID - Drain Current - A 10
R
( DS on )
VGS = 20 V ID - Drain Current - A
PW
10 V 8V
Li
te mi
d
ID (DC)
Po we
10 0m
= 10 10 0 s 1 s 10 ms m s
5
6V
1.0
rD
iss
ipa
s
tio
nL
im
0.1
TC = 25 C Single Pulse 1.0 10 100
ite
d
1 000
0
10 VDS - Drain to Source Voltage - V
20
VDS - Drain to Source Voltage - V DRAIN CURRENT vs. GATE TO SOURCE VOLTAGE 10
ID - Drain Current - A
Tch = 125 C 75 C 25 C -25 C 1.0
0.1
VDS = 10 V Pulsed 5 10 VGS - Gate to Source Voltage - V
3
2SK2138, 2SK2138-Z
TRANSIENT THERMAL RESISTANCE vs. PULSE WIDTH rth (ch-c) (t) - Transient Thermal Resistance - C/W 1 000 100 10 Rth (ch-c) = 1.79 C/W 1.0 0.1 0.01 TC = 25 C Single Pulse 0.001 10 100 1m 10 m 100 m 1 10 100 1 000 Rth (ch-a) = 83.3 C/W
PW - Pulse Width - s FORWARD TRANSFER ADMITTANCE vs. DRAIN CURRENT | yfs | - Forward Transfer Admittance - S 10 DRAIN TO SOURCE ON-STATE RESISTANCE vs. GATE TO SOURCE VOLTAGE Pulsed 3.0
Tch = -25 C 25 C 75 C 125 C 1.0
RDS (on) - Drain to Source On-State Resistance -
ID = 5 A 2.5 A 2.0
0.1
VDS = 10 V Pulsed 0.1
1.0 ID - Drain Current - A
10
1.0
0
4
8
12
16
20
VGS - Gate to Source Voltage (V) GATE TO SOURCE CUTOFF VOLTAGE vs. CHANNEL TEMPERATURE VGS (off) - Gate to Source Cutoff Voltage - V 3.8
RDS (on) - Drain to Source On-State Resistance -
DRAIN TO SOURCE ON-STATE RESISTANCE vs. DRAIN CURRENT 6.0 Pulsed
4.0
3.0
2.0
2.0
VDS = 10 V ID = 1mA 0 50 100 150
1.0
10
20
100
-50
ID - Drain Current - A
Tch - Channel Temperature - C
4
2SK2138, 2SK2138-Z
RDS (on) - Drain to Source On-State Resistance -
DRAIN TO SOURCE ON-STATE RESISTANCE vs. CHANNEL TEMPERATURE 50 4.0 ISD - Diode Forward Current - A VGS = 10 V Pulsed Pulsed
SOURCE TO DRAIN DIODE FORWARD VOLTAGE
10
2.0
ID = 2.5 A
VGS = 0 V 1.0 10 V
0.1 0.5 1.0 1.5 2.0
-50
0
50
100
150
Tch - Channel Temperature - C CAPACITANCE vs. DRAIN TO SOURCE VOLTAGE 1 000 Ciss Ciss, Coss, Crss - Capacitance - pF td (on), tr, td (off), tf - Switching Time - ns VGS = 0 f = 1 MHz 500
VSD - Source to Drain Voltage - V
SWITCHING CHARACTERISTICS
tr 100 td (off)
100 Coss
10
td (on)
10
Crss
1.0
1.0
10
100
1 000
VDD = 150 V 1 VGS = 10 V RG = 10 0.1
tf
1.0 ID - Drain Current - A
10
VDS - Drain to Source Voltage - V
DYNAMIC INPUT CHARACTERISTICS 800 ID = ID (DC) VDS - Drain to Source Voltage - V 600 VDS = 450 V 300 V 150 V 12 VGS 10 8 6 200 VDS 2 0 10 20 30 40 0 4 VGS - Gate to Source Voltage - V 14 trr - Reverse Recovery Time - ns 600 16 800
REVERSE RECOVERY TIME vs. DRAIN CURRENT di/dt = 50 A/s VGS = 10 V
400
400
200
0
0.1
1.0
10
100
Qg - Gate Charge - nC
ID - Drain Current - A
5
2SK2138, 2SK2138-Z
SINGLE AVALANCHE CURRENT vs. INDUCTIVE LOAD 10 EAS - Single Avalanche Energy - mJ IAS - Single Avalanche Current - A 10
SINGLE AVALANCHE ENERGY vs. STARTING CHANNEL TEMPERATURE ID (peak) = ID (DC) VDD = 150 V 8
1.0 IAS = 5A
EAS =8
6
0.1
.3 m
J
4
RG = 25 VDD = 150 V VGS = 20 V 0 Starting Tch = 25 C 0.01 100 1m
2
10 m
100 m
0
25
50
75
100
125
150
L - Inductance - H
Starting Tch-Starting Channel Temperature - C
6
2SK2138, 2SK2138-Z
REFERENCE
Document Name NEC semiconductor device reliability/quality control system. Quality grade on NEC semiconductor devices. Semiconductor device mounting technology manual. Semiconductor device package manual. Guide to quality assurance for semiconductor devices. Semiconductor selection guide. Power MOS FET features and application switching power supply. Application circuits using Power MOS FET. Safe operating area of Power MOS FET. Document No. TEI-1202 IEI-1209 IEI-1207 IEI-1213 MEI-1202 MF-1134 TEA-1034 TEA-1035 TEA-1037
The diode connected between the gate and source of the transistor serves as a protector against ESD. When this device is actually used, an additional protection circuit is externally required if a voltage exceeding the rated voltage may be applied to this device.
7
2SK2138, 2SK2138-Z
[MEMO]
No part of this document may be copied or reproduced in any form or by any means without the prior written consent of NEC Corporation. NEC Corporation assumes no responsibility for any errors which may appear in this document. NEC Corporation does not assume any liability for infringement of patents, copyrights or other intellectual property rights of third parties by or arising from use of a device described herein or any other liability arising from use of such device. No license, either express, implied or otherwise, is granted under any patents, copyrights or other intellectual property rights of NEC Corporation or others. While NEC Corporation has been making continuous effort to enhance the reliability of its semiconductor devices, the possibility of defects cannot be eliminated entirely. To minimize risks of damage or injury to persons or property arising from a defect in an NEC semiconductor device, customer must incorporate sufficient safety measures in its design, such as redundancy, fire-containment, and anti-failure features. NEC devices are classified into the following three quality grades: "Standard", "Special", and "Specific". The Specific quality grade applies only to devices developed based on a customer designated "quality assurance program" for a specific application. The recommended applications of a device depend on its quality grade, as indicated below. Customers must check the quality grade of each device before using it in a particular application. Standard: Computers, office equipment, communications equipment, test and measurement equipment, audio and visual equipment, home electronic appliances, machine tools, personal electronic equipment and industrial robots Special: Transportation equipment (automobiles, trains, ships, etc.), traffic control systems, anti-disaster systems, anti-crime systems, safety equipment and medical equipment (not specifically designed for life support) Specific: Aircrafts, aerospace equipment, submersible repeaters, nuclear reactor control systems, life support systems or medical equipment for life support, etc. The quality grade of NEC devices in "Standard" unless otherwise specified in NEC's Data Sheets or Data Books. If customers intend to use NEC devices for applications other than those specified for Standard quality grade, they should contact NEC Sales Representative in advance. Anti-radioactive design is not implemented in this product.
M4 94.11


▲Up To Search▲   

 
Price & Availability of 2SK2138-Z

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X